PART |
Description |
Maker |
L050-1-512X L050-1-520X L050-1-528X L050-1-548X L0 |
POWER TRANSFORMER COMMANDER CLASS
|
Ensign Corporation
|
L040-1-528X L040-2-512X L040-1-556X L040-2-528X |
POWER TRANSFORMER COMMANDER CLASS
|
Ensign Corporation
|
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
MPR7000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg. 的EPC Class 0 / 1和II型PCMCIA包装0
|
Electronic Theatre Controls, Inc.
|
MAX5987A MAX5986AETE MAX5986B MAX5986BETE MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
|
Maxim Integrated Products
|
VKP |
Ceramic AC Capacitors, Class X1, 760VAC / Class Y1, 500VAC
|
Vishay
|
TDA8932BT TDA8932B TDA8932BTW TDA8932BTW/N2518 TDA |
Class-D audio amplifier Class-D audio amplifier; Package: SOT549-1 (HTSSOP32); Container: Reel Dry Pack, SMD, 13" Class-D audio amplifier
|
NXP Semiconductors
|
F1746-5511/5411/5581/5481 |
Class X1 - AC275V; Class Y2 - AC250V
|
Vishay
|
D18020U2JH6 D15020U2JH6 D22020U2JH6 D27020U2JH6 D1 |
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
|
Vishay Siliconix
|
VY1102M35Y5UG63V0 VY1222M47Y5UQ6 VY1222M47Y5UQ6UV0 |
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC VY1 X760Y500VAC 2,2NF 20% Y5U BULK E3 - Bulk AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix Vishay BCcomponents
|
9.66119E11 9.66129E11 |
SOCKET D IDC 9 WAY CLASS 2 PLUG D IDC 9 WAY CLASS 2 插头IDC公司9的一个方
|
TE Connectivity, Ltd.
|